Part Number Hot Search : 
UPB428C RB520 20680 CXA1219M MJE13007 AN440 74AUP1 61713
Product Description
Full Text Search
 

To Download STN1HNK60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD1NK60 - STD1NK60-1
STQ1HNK60R - STN1HNK60
N-CHANNEL 600V - 8 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESHTM MOSFET
Table 1: General Features
TYPE STD1NK60 STD1NK60-1 STQ1HNK60R STN1HNK60
s s s s s s
Figure 1: Package
ID 1A 1A 0.4 A 0.4 A Pw 30 W 30 W 3W 3.3 W
VDSS 600 600 600 600 V V V V
RDS(on) < < < < 8.5 8.5 8.5 8.5
3 1
TYPICAL RDS(on) = 8 EXTREMELY HIGH dv/dt CAPABILITY ESD IMPROVED CAPABILITY 100% AVALANCHE TESTED NEW HIGH VOLTAGE BENCHMARK GATE CHARGE MINIMIZED
TO-92 (Ammopack)
DPAK
2
3 2 1
1
2
3
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
SOT-223
IPAK Figure 2: Internal Schematic Diagram
APPLICATIONS s LOW POWER BATTERY CHARGERS s SWITH MODE LOW POWER SUPPLIES(SMPS) s LOW POWER, BALLAST, CFL (COMPACT FLUORESCENT LAMPS)
Table 2: Order Codes
Part Number STD1NK60T4 STD1NK60-1 STQ1HNK60R STQ1HNK60R-AP STN1HNK60 Marking D1NK60 D1NK60 1HNK60R 1HNK60R 1HNK60 Package DPAK IPAK TO-92 TO-92 SOT-223 Packaging TAPE & REEL TUBE BULK AMMOPAK TAPE & REEL Rev. 2 November 2004 1/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
Table 3: Absolute Maximum ratings
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT dv/dt (1) Tj Tstg Parameter
DPAK / IPAK
Value
TO-92 SOT-223
Unit V V V 0.4 0.25 1.6 3.3 0.025 A A A W W/C V/ns C
Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Operating Junction Temperature Storage Temperature 1.0 0.63 4 30 0.24
600 600 30 0.4 0.25 1.6 3 0.025 3 -55 to 150
( ) Pulse width limited by safe operating area (1) ISD 1.0A, di/dt 100A/s, VDD V(BR)DSS, Tj TJMAX.
Table 4: Thermal Data
DPAK/IPAK Rthj-case Rthj-amb Rthj-lead Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Junction-lead Max Maximum Lead Temperature For Soldering Purpose 4.16 100 -275 TO-92 -120 40 260 SOT-223 -37.87 (#) -Unit C/W C/W C/W C
(#) When mounted on FR-4 board of 1 in2 , 2oz Cu, t < 10 sec
Table 5: Avalanche Characteristics
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 1 25 Unit A mJ
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) Table 6: On/Off
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 30V VDS = VGS, ID = 250 A VGS = 10V, ID = 0.5 A 2.25 3 8 Min. 600 1 50 100 3.7 8.5 Typ. Max. Unit V A A nA V
2/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
ELECTRICAL CHARACTERISTICS (CONTINUED) Table 7: Dynamic
Symbol gfs (1) Ciss Coss Crss td(on) tr td(off) tr Qg Qgs Qgd Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = 15 V, ID= 0.5 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 1 156 23.5 3.8 6.5 5 19 25 7 1.1 3.7 10 Max. Unit S pF pF pF ns ns ns ns nC nC nC
VDD = 300 V, ID = 0.5 A, RG= 4.7 , VGS = 10 V (Resistive Load see, Figure 21) VDD = 480V, ID = 1 A, VGS = 10V, RG= 4.7 (see, Figure 23)
Table 8: Source Drain Diode
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 1.0 A, VGS = 0 ISD = 1.0 A, di/dt = 100 A/s VDD = 25V, Tj = 25C (see test circuit, Figure 22) ISD = 1.0 A, di/dt = 100 A/s VDD = 25V, Tj = 150C (see test circuit, Figure 22) 140 240 3.3 229 377 3.3 Test Conditions Min. Typ. Max. 1 4 1.6 Unit A A V ns C A ns C A
(1) Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (2) Pulse width limited by safe operating area.
3/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
Figure 3: .Safe Operating Area For SOT-223 Figure 6: Thermal Impedance For SOT-223
Figure 4: Safe Operating Area For DPAK/IPAK
Figure 7: Thermal Impedance For DPAK/IPAK
Figure 5: Safe Operating Area For TO-92
Figure 8: Thermal Impedance For TO-92
4/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
Figure 9: Output Characteristics Figure 12: Transfer Characteristics
Figure 10: Transconductance
Figure 13: Gate Charge vs Gate-source Voltage
Figure 11: Capacitance Variations
Figure 14: Static Drain-source On Resistance
5/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
Figure 15: Normalized Gate Thereshold Voltage vs Temperature Figure 18: Normalized On Resistance vs Temperature
Figure 16: Source-Drain Forward Characteristics
Figure 19: Normalized BVDSS vs Temperature
Figure 17: Maximum Avalanche Energy vs Temperature
Figure 20: Max Id Current vs Tc
6/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
Figure 21: Switching Times Test Circuit For Resistive Load Figure 23: Gate Charge Test Circuit
Figure 22: Test Circuit For Inductive Load Switching and Diode Recovery Times
7/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
TO-92 MECHANICAL DATA
mm. DIM. MIN. A b D E e e1 L R S1 W V 4.32 0.36 4.45 3.30 2.41 1.14 12.70 2.16 0.92 0.41 5 TYP MAX. 4.95 0.51 4.95 3.94 2.67 1.40 15.49 2.41 1.52 0.56 MIN. 0.170 0.014 0.175 0.130 0.094 0.044 0.50 0.085 0.036 0.016 5 TYP. MAX. 0.194 0.020 0.194 0.155 0.105 0.055 0.610 0.094 0.060 0.022 inch
8/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
TO-92 AMMOPACK
mm. MIN. 4.45 3.30 TYP MAX. 4.95 3.94 1.6 2.3 0.41 12.5 5.65 2.44 -2 17.5 5.7 8.5 18.5 15.5 3.8 16 4 18 6 9 12.7 6.35 2.54 0.56 12.9 7.05 2.94 2 19 6.3 9.25 0.5 20.5 16.5 25 4.2 0.9 11 3 -1 1 0.11 -0.04 0.04 0.15 0.157 0.72 0.61 0.63 0.016 0.49 0.22 0.09 -0.08 0.69 0.22 0.33 0.71 0.23 0.35 0.5 0.25 0.1 MIN. 0.170 0.130 inch TYP. MAX. 0.194 0.155 0.06 0.09 0.022 0.51 0.27 0.11 0.08 0.74 0.24 0.36 0.02 0.80 0.65 0.98 0.16 0.035 0.43
DIM. A1 T T1 T2 d P0 P2 F1, F2 delta H W W0 W1 W2 H H0 H1 D0 t L l1 delta P
9/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
SOT-223 MECHANICAL DATA
mm MIN. A B B1 c D e e1 E H V A1 0.02 3.30 6.70 0.60 2.90 0.24 6.30 0.70 3.00 0.26 6.50 2.30 4.60 3.50 7.00 3.70 7.30 10
o
DIM.
inch MAX. 1.80 0.80 3.10 0.32 6.70 0.024 0.114 0.009 0.248 0.027 0.118 0.010 0.256 0.090 0.181 0.130 0.264 0.138 0.276 0.146 0.287 10o MIN. TYP. MAX. 0.071 0.031 0.122 0.013 0.264
TYP.
P008B
10/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0
o
DIM. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35
inch MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 1.00 8
o
TYP.
TYP.
MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
0.8 0.024 0
o
0.039 0o
P032P_B
11/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
12/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
DPAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
All dimensions are in millimeters
All dimensions are in millimeters
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
* on sales type
13/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
Table 9: Revision History
Date 22-Nov-2004 Revision 2 Description of Changes Added SOT-223 Package and new stylesheet
14/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
15/15


▲Up To Search▲   

 
Price & Availability of STN1HNK60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X